Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2929 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 9Page - STMicroelectronics AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics AN2929 Datasheet HTML 12Page - STMicroelectronics AN2929 Datasheet HTML 13Page - STMicroelectronics AN2929 Datasheet HTML 14Page - STMicroelectronics AN2929 Datasheet HTML 15Page - STMicroelectronics AN2929 Datasheet HTML 16Page - STMicroelectronics AN2929 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
13/32
Table 6 shows the measured value of the burst mode related ripple measured in different
operating conditions. The measured ripple in burst mode operation is very low and always
below 25 mV.
2.3
Efficiency
The efficiency of the converter was measured in different load and line voltage conditions.
According to the ENERGY STAR® average active mode testing efficiency method, the
measurements were done with full load and with 75%, 50%, and 25% of the full load for
different input voltages, seeTable 7.
The results were plotted in the following figures for better visibility. Figure 13 shows the
efficiency versus VIN for the four different load values and Figure 14 shows the efficiency
versus load for different input voltages.
Table 6.
Burst mode related output voltage ripple
VIN
No load (mV)
25 mA load (mV)
50 mA load (mV)
90
5.1
13.5
14.5
115
5.2
14.5
15.5
230
5.4
15.4
16.9
265
5.7
15.8
18
Table 7.
Efficiency
VINAC
(VRMS)
Efficiency (%)
Full load
(2.4 A)
75% load
(1.8 A)
50% load
(1.2 A)
25% load
(0.6 A)
90
72.46
75.34
78.503
79.841
115
74.96
76.95
79.634
80.395
230
77.70
79.04
80.690
79.990
265
77.80
78.97
80.264
78.287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com