Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 2Page - STMicroelectronics AN3112 Datasheet HTML 3Page - STMicroelectronics AN3112 Datasheet HTML 4Page - STMicroelectronics AN3112 Datasheet HTML 5Page - STMicroelectronics AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics AN3112 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Implementing the line-modulated fixed-off-time
AN3112
6/36
Doc ID 16820 Rev 3
3
Implementing the line-modulated fixed-off-time
The circuit that implements LM-FOT control with the L6564 PFC controller is shown in
Figure 6. During the on-time of the MOSFET the gate voltage V
GD = 15 V is high, diode D is
forward biased and the voltage at the ZCD pin is internally clamped at VZCDclamp (5.7 V
typ.). During the MOSFET off-time VGD is low, diode D is reverse-biased and the voltage at
the pin decays with an exponential law until it reaches the triggering threshold (VZCDtrigger ~
0.7 V typ.) which causes the switch to turn on. The time needed for the ZCD voltage to go
from VZCDclamp (clamping level) to VZCDtrigger (trigger level) defines the duration of the off-
time, or TOFF.
Figure 6.
Circuit implementing FOT control with the L6564
The circuit in
Figure 6. makes T
OFF a function of the RMS line voltage thanks to the peak
holding effect of T1 (which acts as a buffer) along with R and C whose time constant is
significantly longer than a line half-cycle. With the addition of R0 and T1, as long as the
voltage on the ZCD pin during TOFF is above Vmult+VBE, C is discharged through R and R0,
following the law:
Equation 1
As V’ZCD(t) falls below Vmult+VBE, T1 is cut off and C is discharged through R only, so that its
evolution from that point on is described as:
Equation 2
V'ZCD(t) decreases from VZCDclamp = 5.7 V to Vmult+VBE in the following time period t':
()
()
()
BE
mult
0
C
RR
)
R
R
(
t
BE
mult
0
ZCDclamp
ZCD
V
V
R
R
R
e
V
V
R
R
R
V
)
t
(
V
0
0
+
⋅
+
+
⋅
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
+
−
=
′
⋅
+
⋅
−
()
C
R
t
BE
mult
0
ZCD
e
V
V
R
R
R
)
t
(
V
⋅
−
⋅
+
⋅
+
=
′′



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com