Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics AN3112 Datasheet HTML 30Page - STMicroelectronics AN3112 Datasheet HTML 31Page - STMicroelectronics AN3112 Datasheet HTML 32Page - STMicroelectronics AN3112 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
29/36
Equation 65
Equation 66
A commercial value R = 15 k
Ω and a R0 = 1.5 kΩ has been chosen.
Figure 17 and Figure 18 show the trend of the off-time and the switching frequency vs the
input mains voltage. The PFC inner current loop works in the range of 80 kHz-150 kHz.
Due to the tolerance of the capacitor selected (C) and the two discharging resistors, it is
important to take into account a variation on the switching frequency in a real board of about
± 10%.
Finally the Rs limiting resistor should be selected according to the inequalities (
Equation 6):
Equation 67
and the speed-up capacitor Cs using
Equation 7.
Equation 68
This means that after calculations:
1
eq
K
1
R
R
=
=
=
k
79
.
15
903
.
0
1
k
53
.
1
R
1
eq
0
K
R
R
=
=
=
k
5
.
1
903
.
0
k
53
.
1
R
0
Figure 17.
Off-time vs. input mains voltage
Figure 18.
Switching frequency vs. input
mains voltage
V
7
.
5
V
6
.
0
V
7
.
5
V
10
k
53
.
1
Rs
k
53
.
1
V
7
.
5
mA
10
V
6
.
0
V
7
.
5
V
15
<
<
+
V
6
.
0
V
7
.
5
V
15
V
7
.
5
pF
220
Cs
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com