Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 14Page - STMicroelectronics AN3112 Datasheet HTML 15Page - STMicroelectronics AN3112 Datasheet HTML 16Page - STMicroelectronics AN3112 Datasheet HTML 17Page - STMicroelectronics AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
18/36
Doc ID 16820 Rev 3
The MOSFET total losses as a function of the input mains voltage is the sum of the three
previous losses from
Equation 30, Equation 32, and Equation 34, multiplied for relevant
MOSFET parameters:
Equation 35
From
Equation 35 using the data relevant to the MOSFET selected, the losses at Vitamin
and VACmax can be calculated and plotted like in
Figure 10. We can observe that the
maximum total losses is 9 W and it occurs at VACmin. From this number and the given
maximum ambient temperature
(13), the total maximum thermal resistance required to keep
the junction temperature below 125°C is:
Equation 36
If the result of
Equation 36 is lower than the junction-ambient thermal resistance given in the
MOSFET datasheet for the selected device package, a heat sink must be used.
Figure 10.
Conduction losses and total losses in the STP12NM50FP MOSFET
couples for the 400W FOT PFC
Figure 10 shows the trend of the total losses (Equation 35) versus the input line voltage for
two selected STP12NM50FP MOSFETs.
4.3.6
Boost diode selection
Following a similar criterion to that of the MOSFET, the output rectifier can also be selected.
A minimum breakdown voltage of 1.2·Vout
(4) and a current rating higher than 3·Iout
(
Equation 8) can be chosen for a rough, initial selection of the rectifier. The correct choice is
then confirmed by the thermal calculation. If the diode junction temperature works within
125°C the device has been correctly selected, otherwise a bigger device must be selected.
The switching losses can be significantly reduced if an ultra-fast diode is employed. Since
)
VAC
(
P
C
)
VAC
(
P
2
t
t
)
VAC
(
P
RDS
)
VAC
(
P
cap
d
sw
fall
rise
cond
on
loss
+
+
+
=
)
VAC
(
P
T
C
125
R
loss
ambx
th
°
=
W
C
1
.
8
W
9
C
50
C
125
R
th
°
=
°
°
=
MOSFETS total losses
0
5
10
15
20
25
85
110
135
160
185
210
235
260
285
Vi n_ac [Vr ms]
Plosses(Vi)
Range Limi ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com