Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3112 Datasheet HTML 1Page - STMicroelectronics AN3112 Datasheet HTML 2Page - STMicroelectronics AN3112 Datasheet HTML 3Page - STMicroelectronics AN3112 Datasheet HTML 4Page - STMicroelectronics AN3112 Datasheet HTML 5Page - STMicroelectronics AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
February 2011
Doc ID 16820 Rev 3
1/36
AN3112
Application note
Solution for designing a fixed off-time controlled PFC pre-regulator
with the L6564
Introduction
In this document we propose a third approach to the operation of PFC pre-regulators. In
addition to the transition mode (TM) and the fixed-frequency continuous conduction mode
(FF-CCM) operation of PFC pre-regulators, an alternative approach is offered that couples
the simplicity and affordability of TM operation with the high-current capability of FF-CCM
operation. This solution is a peak current-mode control with fixed-off-time (FOT). Design
equations are given and a practical design for a 400 W board is illustrated and evaluated.
Two methods of controlling power factor corrector (PFC) pre-regulators, based on boost
topology, are currently in use: the fixed-frequency (FF) PWM and the transition mode (TM)
PWM (fixed on-time, variable frequency). The first method employs average current-mode
control, a relatively complex technique requiring sophisticated controller ICs (e.g. the
L4981A/B from STMicroelectronics) and a considerable component count. The second uses
the more simple peak current-mode control, which is implemented with cheaper controller
ICs (e.g. the L6561, L6562, L6562A and L6564 from STMicroelectronics), and much fewer
external parts making it far more cost efficient. In the first method the boost inductor works
in a continuous conduction mode (CCM), while TM makes the inductor work on the
boundary between continuous and discontinuous mode. For a given power throughput, TM
operation involves higher peak currents compared to FF-CCM (
Figure 1 and Figure 2).
This demonstration, consistent with the above mentioned cost considerations, suggests the
use of TM in a lower power range, while FF-CCM is recommended for higher power levels.
This criterion, though always true, is sometimes difficult to apply, especially for a mid-range
power level of around 150-300 W. Assessing which approach gives the better
cost/performance trade-off needs to be done on a case-by-case basis, considering the cost
and the stress of both power semiconductors and magnetics, but also of the EMI filter. At the
same power level, the switching frequency component to be filtered out in a TM system is
twice the line current, whereas it is typically 1/3 or 1/4 in a CCM system.
Figure 1.
Line, inductor, switch and diode
currents in FF-CCM PFC
Figure 2.
Line, inductor, switch and diode
currents in TM PFC
www.st.com


Similar Part No. - AN3112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN311 SILABS-AN311 Datasheet
118Kb / 4P
CP2120 PORTING GUIDE
logo
STMicroelectronics
AN3110 STMICROELECTRONICS-AN3110 Datasheet
276Kb / 10P
Using the STVM100 to automatically adjust VCOM voltage in e-paper
07-Jan-2010
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
28-Jan-2011
More results

Similar Description - AN3112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
L6562A 400W FOT-controlled PFC pre-regulator evaluation board
07-Feb-2008
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
Solution for designing a 400 W fixed-off-time controlled
05-Mar-2010
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3027 STMICROELECTRONICS-AN3027 Datasheet
895Kb / 41P
How to design a transition-mode PFC pre-regulator
09-Feb-2011
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
Solution for designing a 400 W fixed-off-time controlled
09-Feb-2011
AN4149 STMICROELECTRONICS-AN4149 Datasheet
2Mb / 43P
Designing a CCM PFC pre-regulator based on the L4984D
06-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com