Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 11Page - STMicroelectronics AN3112 Datasheet HTML 12Page - STMicroelectronics AN3112 Datasheet HTML 13Page - STMicroelectronics AN3112 Datasheet HTML 14Page - STMicroelectronics AN3112 Datasheet HTML 15Page - STMicroelectronics AN3112 Datasheet HTML 16Page - STMicroelectronics AN3112 Datasheet HTML 17Page - STMicroelectronics AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
15/36
To calculate the required inductance L of the boost inductor, use the following formula with a
3.76 µs off-time set at 90 Vac (see the following ZCD pin dimensioning to find the meaning
of this value):
Equation 28
After calculating the inductor value at low mains and at high mains L(VACmax), L(VACmin)
(
Equation 28) depending also on the off-time, the minimum value must be taken into
account. It becomes the maximum inductance value for the PFC dimensioning.
Figure 8 shows the switching frequency versus the
θ angle calculated inverting Equation 28
with a 500 µH boost inductance and fixing the line voltage at minimum and maximum
values.
Figure 8.
Switching frequency fixing the line voltage
)
VAC
(
T
IL
V
)
k
1
(
)
VAC
(
L
OFF
pk
out
min
∆
⋅
−
=
H
501
s
76
.
3
A
04
.
2
V
400
)
32
.
0
1
(
)
VAC
(
L
min
µ
=
µ
⋅
−
=
Frequency modulation with the Line half period
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
2.4
2.8
÷ [Linehalf period]
Switching Freq.@VacMin
Switching Freq.@VacMax
CCM
DCM
DCM
TM
TM
θ1
θ2
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com