Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics AN3112 Datasheet HTML 30Page - STMicroelectronics AN3112 Datasheet HTML 31Page - STMicroelectronics AN3112 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
28/36
Doc ID 16820 Rev 3
Equation 59
Equation 60
From
Equation 56 and Equation 59, solving the following equation:
Equation 61
And then substituting K1 value into the
Equation 60 expression, the k2 parameters are
obtained:
Equation 62
From the values of K1 and K2 it is possible to calculate the time constant
τ =(R1//R2) C
necessary to achieve the desired TOFF@90 Vac:
Equation 63
Now, by selecting a capacitor C in the hundred picofarad range or a few nanofarads, for
example a C =220 pF, it is possible to determine the required equivalent resistance value:
Equation 64
From
Equation 57 R and R0 are found:
[]
[]
[]
⎟⎟⎠
⎜⎜⎝
+
+
+
+
+
+
+
+
=
ρ
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
F
min
max
min
mult
ZCDtrigger
k
1
1
F
min
max
min
mult
ZCDclamp
1
F
min
max
min
mult
1
min
mult
V
V
V
ln
)
k
(
V
V
V
)
k
1
(
V
V
ln
V
VAC
VAC
V
V
ln
)
k
(
V
VAC
VAC
V
V
)
k
1
(
V
VAC
VAC
V
ln
)
k
,
V
(
1
1
[]
[]
⎟⎟⎠
⎜⎜⎝
+
+
+
+
=
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
1
1
min
mult
2
V
V
V
ln
k
V
V
V
)
k
1
(
V
V
ln
k
1
1
)
k
,
V
(
k
1
0
)
k
,
V
(
x
1
min
mult
=
ρ
ρ
903
.
0
K1 =
)
k
,
V
(
k
K
1
min
mult
2
2 =
17
.
11
K2 =
2
min
OFF
K
)
VAC
(
T
=
τ
ns
35
.
336
17
.
11
s
76
.
3
=
µ
=
τ
C
Req
τ
=
=
=
k
53
.
1
pF
220
ns
35
.
336
R
eq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com