Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 5Page - STMicroelectronics AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics AN3112 Datasheet HTML 10Page - STMicroelectronics AN3112 Datasheet HTML 11Page - STMicroelectronics AN3112 Datasheet HTML 12Page - STMicroelectronics AN3112 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
9/36
4
Designing a fixed-off-time PFC
4.1
Input specification
The following is a possible design procedure for a fixed-off-time mode PFC using the L6564.
This first part is a detailed specification of the operating conditions of the circuit that is
needed for the calculations in
Section 4.2 on page 11. In this example a 400 W, wide-input
range mains PFC circuit is considered. Some design criteria are also given.
Because the PFC is a boost topology the regulated output voltage depends strongly on the
maximum AC input voltage. In fact, for correct boost operation the output voltage must
always be higher than the input and therefore, as Vin max is Vpk, the output has been set at
400 Vdc as the typical value. In cases where the maximum AC input voltage VACmax is
higher than 265 V, as typical in ballast applications, the output voltage must be set higher
accordingly. As a rule of thumb the output voltage must be set 6/7% higher than the
maximum input voltage peak.
The target efficiency and PF are set here at minimum input voltage and maximum load.
They are used for the following operating condition calculation of the PFC. Of course at high
input voltage there is higher efficiency.
Because of the narrow loop voltage bandwidth, the PFC output may experience
overvoltages at startup or in the case of load transients. To protect from excessive output
voltages that can overstress the output components and the load, in the L6564, a device pin
(PFC_OK, pin #6) has been dedicated to monitor the output voltage with a separate resistor
divider, selected so that the voltage at the pin reaches 2.5 V if the output voltage exceeds a
preset value (Vovp) larger than the maximum Vout that can be expected, also including
worst-case load/line transients.
Mains voltage range (Vac rms):
(1)
Minimum mains frequency:
(2)
Rated output power (W):
(3)
Regulated DC output voltage (Vdc)
(4)
Expected efficiency (%):
(5)
Expected power factor:
(6)
Vac
90
VACmin =
Vac
265
VACmax =
Hz
47
fl =
W
400
Pout =
V
400
V
out =
%
90
P
P
in
out
=
=
η
99
.
0
PF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com