Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
23/36
The power dissipated by Rs is given by:
Equation 46
According to the result, for example four parallel resistors of 0.47
Ω with 1 W of power rating
can be selected.
Pin 3 (MULT): The MULT pin is the second multiplier input. It is connected, through a
resistive divider, to the rectified mains to obtain a sinusoidal voltage reference. The multiplier
is described by the relationship:
Equation 47
Where:
VCS (Multiplier output) is the reference for the current sense (VCS_OFFSET is its
offset).
k = 0.45 (Typ.) is the multiplier gain.
VCOMP is the voltage on pin 2 (E/A output).
VMULT is the voltage on pin 3.VFF is the second input to the multiplier for 1/V^2
function. It compensates the control loop gain dependence on the mains voltage. The
voltage at this pin is a DC level equal to the peak voltage on the MULT pin (#3).
A complete description is given in the diagram in
Figure 14 and Figure 15 which shows the
typical multiplier characteristics family. The linear operation of the multiplier is guaranteed
within the range 0 to 3 V of VMULT and the range 0 to 1.16 V (typ.) of Vcs, while the
minimum guaranteed value of the maximum slope of the characteristics family (typ.) is:
2
rms
s
s
ISW
R
P
=
()
W
14
.
2
22
.
4
12
.
0
P
2
s
=
=
2
FF
MULT
COMP
m
OFFSET
_
CS
CS
V
V
)
V
5
.
2
V
(
k
V
V
+
=
Figure 14.
Multiplier characteristics family for
VFF =1 V
Figure 15.
Multiplier characteristics family for
VFF=3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com