Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 9Page - STMicroelectronics AN3112 Datasheet HTML 10Page - STMicroelectronics AN3112 Datasheet HTML 11Page - STMicroelectronics AN3112 Datasheet HTML 12Page - STMicroelectronics AN3112 Datasheet HTML 13Page - STMicroelectronics AN3112 Datasheet HTML 14Page - STMicroelectronics AN3112 Datasheet HTML 15Page - STMicroelectronics AN3112 Datasheet HTML 16Page - STMicroelectronics AN3112 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
13/36
Equation 18
Equation 19
The power dissipated on a D15XB60 bridge may be:
Equation 20
4.3.2
Input capacitor
The input filter capacitor (Cin) is placed across the diode bridge output. This capacitor must
smooth the high-frequency ripple and must sustain the maximum instantaneous input
voltage. In a typical application an EMI filter is placed between the mains and the PFC
circuit. In this application the EMI filter is reinforced by a differential mode Pi-filter after the
bridge to reject the differential noise coming from the whole switching circuit. The design of
the EMI filter (common mode and differential mode) is not described here. The value of the
input filter capacitor can be calculated as follows, simply considering the output power that
the PFC should deliver at full load:
Equation 21
The maximum value of this capacitor is limited to avoid line current distortion. The value
chosen for this design is 1 µF.
4.3.3
Output capacitor
The output bulk capacitor (Co) selection depends on the DC output voltage
(4), the allowed
maximum voltage
(7) and the converter output power (3).
The 100/120 Hz (twice the mains frequency) voltage ripple (Vout = peak-to-peak ripple
value)
(8) is a function of the capacitor impedance and the peak capacitor current:
Equation 22
With a low ESR capacitor the capacitive reactance is dominant, therefore:
A
53
.
3
2
A
99
.
4
2
2
I
2
I
in
inrms
=
=
=
A
25
.
2
A
99
.
4
2
I
2
I
in
avg
_
in
=
π
=
π
=
avg
_
in
th
inrms
2
diode
bridge
I
V
4
I
R
4
P
+
=
W
53
.
7
A
25
.
2
V
7
.
0
4
)
A
53
.
3
(
025
.
0
4
P
2
bridge
=
+
=
out
3
in
P
10
5
.
2
C
=
F
1
W
400
10
5
.
2
C
3
in
µ
=
=
2
2
O
l
out
out
ESR
)
C
f
2
2
(
1
I
2
V
+
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com