Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 12Page - STMicroelectronics AN3112 Datasheet HTML 13Page - STMicroelectronics AN3112 Datasheet HTML 14Page - STMicroelectronics AN3112 Datasheet HTML 15Page - STMicroelectronics AN3112 Datasheet HTML 16Page - STMicroelectronics AN3112 Datasheet HTML 17Page - STMicroelectronics AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
16/36
Doc ID 16820 Rev 3
Figure 9.
The effect of fixing off-time - boundary between DCM and CCM
The effect of fixing the off-time is to generate a continuous conduction mode in the center
region of the line half-cycle between the two transition angles. Close to the zero-crossing,
the system works in discontinuous conduction mode and in transition mode at the boundary.
The inductor core size is determined assuming a peak flux density Bx ~0.25 T (depending
on the ferrite grade selected and relevant specific losses) and calculating the maximum
current according to
Equation 15 as a function of the maximum current sense pin clamping
voltage and sense resistor value.
DC and AC copper losses and ferrite losses must also be calculated to determine the
maximum temperature rise of the inductor.
4.3.5
Power MOSFET selection and power dissipation calculation
The selection of the MOSFET concerns mainly its RDS(on), basically proportional to the
output power. The MOSFET breakdown voltage is selected considering the PFC nominal
output voltage
(4) adding some margin (20%) to guarantee reliable operation.
Therefore, a voltage rating of 500 V (1.2 · Vout = 480 V) is selected. Using its current rating
as a rule of thumb, we can select a device having ~ 3 times the RMS switch current
(
Equation 16) but, the power dissipation calculation gives the final confirmation that the
selected device is the right one for the circuit, also taking the heat sink dimensions into
account. For example, in a 400 W PFC application two parallel STP12NM50FP MOSFETs
can be selected.
The MOSFET's power dissipation depends on conduction, switching and capacitive losses.
The conduction losses at maximum load and minimum input voltage are calculated by:
Equation 29
Because, normally in the datasheets the RDS(on) is given at an ambient temperature (25 °C),
to correctly calculate the conduction losses at 100°C (typical MOSFET junction operating
DCM
TM
CCM
TOF F
θ1
Half Line Cycle
DCM
TM
CCM
TOF F
θ1
Half Line Cycle
()2
rms
on
cond
)
VAC
(
ISW
RDS
)
VAC
(
P
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com