Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 16Page - STMicroelectronics AN3112 Datasheet HTML 17Page - STMicroelectronics AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
20/36
Doc ID 16820 Rev 3
Pin 1 (INV) is connected both to the inverting input of the E/A and to the OVP circuitry. A
resistive divider is connected between the boost regulated output voltage and this pin. The
internal reference on the non-inverting input of the E/A is 2.5 V (typ.), the output voltage
(Vout) of the PFC pre-regulator is set at its nominal value, by the resistors ratio of the
feedback output divider. RoutH and RoutL are then selected considering the desired
nominal output voltage and the desired output power dissipated on the output divider. For
example for a 50 mW output divider dissipation:
Equation 39
With the commercial value selected RoutH = 3 M
Ω:
Equation 40
Equation 41
RoutL = 62 k
Ω in parallel to a 27 kΩ can be selected. Please note that for RoutH a resistor
with a suitable voltage rating (>400 V) is needed, or more resistors in series must be used.
Pin 6 (PFC_OK - feedback failure protection): The PFC_OK pin is dedicated to monitoring
the output voltage with a separate resistor divider. This divider is selected so that the voltage
at the pin reaches 2.5 V if the output voltage exceeds a preset value (Vovp), usually larger
than the maximum Vout that can be expected, also including worst-case load/line transients.
For a maximum output voltage Vout max of 430 V and selecting a 50 µA current flowing into
the divider:
Equation 42
By selecting a commercial value of 51k
Ω:
Equation 43
Connecting in series, two 3.3 M
Ω resistors and one 2.2 MΩ resistor, a total value of 8.8 MΩ
can be obtained.
Note that both feedback dividers connected to the L6564 pin #1 (INV) and pin #6 (PFC_OK)
can be selected without any constraints. The unique criterion is that both dividers must sink
mW
50
)
V
5
.
2
V
(
R
2
OUT
outH
=
=
=
M
160
.
3
mW
50
)
V
5
.
2
V
400
(
R
2
outH
1
V
5
.
2
V
R
R
out
outL
outH
=
159
1
V
5
.
2
V
400
R
R
outL
outH
=
=
159
R
R
outH
outL =
=
=
k
8
.
18
159
M
3
R
outL
divider
OK
_
PFC
_
REF
L
I
V
R
=
=
µ
=
k
50
A
50
V
5
.
2
R
L
=
1
V
V
R
R
OK
_
PFC
_
REF
MAX
_
OUT
L
H
=
=
M
721
.
8
1
V
5
.
2
V
430
k
51
R
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com