Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics AN3112 Datasheet HTML 30Page - STMicroelectronics AN3112 Datasheet HTML 31Page - STMicroelectronics AN3112 Datasheet HTML 32Page - STMicroelectronics AN3112 Datasheet HTML 33Page - STMicroelectronics AN3112 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
30/36
Doc ID 16820 Rev 3
Equation 69
Equation 70
For example, a commercial value of the limiting resistor of 1 k
Ω and a speed-up capacitor of
100 pF can be selected for this application.
Pin 8 (GND) acts as the current return both for the signal internal circuitry and for the gate
drive current. When laying out the printed circuit board, these two paths should run
separately.
Pin 9 (GD) is the output of the driver. The pin is able to drive an external MOSFET with
600 mA source and 800 mA sink capability.
The high-level voltage of this pin is clamped at about 12 V to avoid excessive gate voltages
if the pin is supplied with a high Vcc. To avoid undesired switch-on of the external MOSFET
because of some leakage current when the supply of the L6564 is below the UVLO
threshold, an internal pull-down circuit holds the pin low. The circuit guarantees 1.1 V
maximum on the pin (@ Isink = 2 mA), with VCC > VCC_ON. This allows the omitting of the
bleeder-resistor connected between the gate and the source of the external MOSFET used
to this purpose.
Pin 10 (Vcc) is the supply of the device which is externally connected to the start-up circuit
(usually, one resistor connected to the rectified mains) and to the self-supply circuit.
Whatever the configuration of the self-supply system, a capacitor is connected between this
pin and ground.
To start the L6564, the voltage must exceed the start-up threshold (12 V typ.). Below this
value the device does not
and consumes less than 90 µA (typ.) from Vcc. This allows the use of high value start-up
resistors (in the hundreds k
Ω), which reduces power consumption and optimizes system
efficiency at low load, especially in wide range mains applications.
When operating, the current consumption (of the device only, not considering the gate drive
current) rises to a value depending on the operating conditions but never exceeding 6 mA.
The device continues to work as long as the supply voltage is over the UVLO threshold (13
V max). If the Vcc voltage exceeds 22.5 V an internal zener diode, 20 mA rated, is activated
in order to clamp the voltage. Please remember that during normal operation the internal
zener doesn’t have to clamp the voltage, because in this case the power consumption of the
device increases considerably and its junction temperature also increases. The suggested
operating condition, for safe operation of the device, is below the minimum clamping voltage
of the pin.
Ω
<
<
Ω
k
1
Rs
726
pF
144
Cs
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com