Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
22/36
Doc ID 16820 Rev 3
The two bode plot charts are relevant to the PFC operating at the main voltage set point of
265 Vac and full load. In this condition the crossover frequency is fc = 4 Hz, the phase
margin is 50° and the third harmonic distortion is below 3%.
Pin 4 (CS): The #4 pin is the inverting input of the current sense comparator. Through this
pin, the L6564 senses the instantaneous inductor current, converted in a proportional
voltage by an external sensing resistor (Rs). As this signal crosses the threshold set by the
multiplier output, the PWM latch is reset and the power MOSFET is turned off. The
MOSFET stays in off-state until the PWM latch is set again by the ZCD signal. The pin is
equipped with 150 ns (typ.) leading-edge blanking for improved noise immunity.
The sense resistor value (Rs) can be calculated as follows. For the 400 W PFC it is:
Equation 44
Where:
ILpk: it is the maximum peak current in the inductor, calculated as described in 4.2
Vcsmin = 1.0 V, it is the minimum voltage admitted on the L6564 current sense (on the
datasheet).
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current may be calculated considering the
maximum voltage Vcsmax allowed on the L6564 (on datasheet):
Equation 45
The calculated ILpkx is the value at which the boost inductor must not be in saturation and it
is used for calculating the inductor number of turns and air-gap length.
Figure 12.
Open loop transfer function-bode
plot
Figure 13.
Phase
-200
-100
0
100
0. 1
1
10
100
1000
f [Hz]
-200
-150
-100
0.1
1
10
100
1000
f [Hz]
max
pk
min
s
IL
Vcs
R
<
=
<
124
.
0
A
01
.
8
V
0
.
1
R
s
s
max
pksat
R
Vcs
IL
=
A
67
.
9
12
.
0
V
16
.
1
IL
pksat
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com