Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics AN3112 Datasheet HTML 26Page - STMicroelectronics AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
24/36
Doc ID 16820 Rev 3
Equation 48
The voltage on the MULT pin is also used to derive the information from the RMS mains
voltage for the VFF compensation.
Before describing the correct operating point of the multiplier for the brownout function the
voltage feed forward pin and its enable-disable property is here described:
Pin 5 (voltage feed forward): The power stage gain of PFC pre-regulators varies with the
square of the RMS input voltage. As does the crossover frequency (fc) of the overall open-
loop gain because the gain has a single pole characteristic. This leads to large trade-offs in
the design. For example, setting the gain of the error amplifier to get fc = 20 Hz @ 264 Vac
means having fc about 4 Hz @ 88 Vac, resulting in sluggish control dynamics. Additionally,
the slow control loop causes large transient current flow during rapid line or load changes
that are limited by the dynamics of the multiplier output. This limit is considered when
selecting the sense resistor to let the full load power pass under minimum line voltage
conditions, with some margin. But a fixed current limit allows excessive power input at high
line, whereas a fixed power limit requires the current limit to vary inversely with the line
voltage.
Voltage feed-forward can compensate for the gain variation with the line voltage and allow
the overcoming of all of the above-mentioned issues. It consists of deriving a voltage
proportional to the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2
corrector) and providing the resulting signal to the multiplier which generates the current
reference for the inner current control loop.
In this way, a change of the line voltage causes an inversely proportional change of the half-
sine amplitude at the output of the multiplier (if the line voltage doubles the amplitude of the
multiplier, output is halved and vice versa), so that the current reference is adapted to the
new operating conditions with (ideally) no need for invoking the slow dynamics of the error
amplifier. Additionally, the loop gain is constant throughout the input voltage range, which
significantly improves the dynamic behavior at low line and simplifies loop design.
Actually, with another PFC embedding the voltage feed-forward, deriving a voltage
proportional to the RMS line voltage implies a form of integration, which has its own time
constant. If it is too small the voltage generated may be affected by a considerable amount
of ripple at twice the mains frequency which causes distortion to the current reference
(resulting in high THD and poor PF); if it is too large there may be a considerable delay in
setting the right amount of feed-forward, resulting in excessive overshoot and undershoot of
the pre-regulator's output voltage in response to large line voltage changes. Clearly a trade-
off was required.
The L6564 produces an innovative voltage feed-forward which, with a technique that makes
use of just two external parts, overcomes this time constant trade-off issue regardless of
which voltage change occurs on the mains, both surges and drops. A capacitor CFF and a
resistor RFF, both connected from the VFF pin (pin #5) to ground, complete an internal
peak-holding circuit that provides a DC voltage equal to the peak of the rectified sine-wave
applied on the MULT pin (pin #3). In this case the following value has been selected:
(15)
V
V
66
.
1
dV
dV
MULT
CS
=
F
1
C
FF
µ
=
= M
1
R
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com