Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 17Page - STMicroelectronics AN3112 Datasheet HTML 18Page - STMicroelectronics AN3112 Datasheet HTML 19Page - STMicroelectronics AN3112 Datasheet HTML 20Page - STMicroelectronics AN3112 Datasheet HTML 21Page - STMicroelectronics AN3112 Datasheet HTML 22Page - STMicroelectronics AN3112 Datasheet HTML 23Page - STMicroelectronics AN3112 Datasheet HTML 24Page - STMicroelectronics AN3112 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN3112
Designing a fixed-off-time PFC
Doc ID 16820 Rev 3
21/36
a current from the output bus which needs to be significantly higher than the current biasing
the error amplifier and PFC_OK comparator.
The OVP function described above can handle "normal" over-voltage conditions, that is,
those resulting from an abrupt load/line change or occurring at start-up. If the over-voltage is
generated by a feedback disconnection for instance, when one of the upper resistors of the
output divider fails to open, an additional circuitry detects the voltage drop of pin INV. If the
voltage on pin INV is lower than 1.66V (Typ.) and at same time the OVP is active, a feedback
failure is assumed.
Therefore, the gate drive activity is immediately stopped, the device is shut down, its
quiescent consumption is reduced to below 180 µA and the condition is latched as long as
the supply voltage of the IC is above the UVLO threshold. To restart the system it is
necessary to recycle the input power, so that the Vcc voltage of the L6564 goes below 6 V
and that one of the PWM controllers goes below its UVLO threshold. Note that this function
offers complete protection against feedback loop failures or erroneous settings, and also
against the failure of the protection itself. Either resistor of the PFC_OK divider failing short
or open or a PFC_OK pin floating may result in shutting down the IC and stopping the pre-
regulator. In addition, the PFC_OK pin doubles its function as a not-latched IC disable: a
voltage below 0.23 V shuts down the IC, reducing its consumption below 2 mA. To restart
the IC, simply let the voltage at the pin go above 0.27 V.
Pin 2 (COMP): This pin is the output of the E/A that is fed into one of the two inputs of the
multiplier. A feedback compensation network is placed between this pin and the INV pin
(pin#1). It must be designed with a narrow bandwidth in order to avoid the system rejecting
the output voltage ripple (100 Hz) that would cause high distortion of the input current
waveform. A theoretical criterion to define the compensation network value is to set the E/A
bandwidth (BW) from 20 to 30 Hz.
For a more complex way of compensating the FOT PFC please refer to [
1], [2], [3].
A compensated two-pole feedback network for this 400 W FOT PFC can be obtained with
the following values:
to which the following open-loop transfer function and its phase function correspond.
nF
100
C
compP =
F
1
C
compS
µ
=
=
k
56
R
compS
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com