Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3112 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics AN3112 Datasheet HTML 10Page - STMicroelectronics AN3112 Datasheet HTML 11Page - STMicroelectronics AN3112 Datasheet HTML 12Page - STMicroelectronics AN3112 Datasheet HTML 13Page - STMicroelectronics AN3112 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Designing a fixed-off-time PFC
AN3112
10/36
Doc ID 16820 Rev 3
The mains frequency generates a 2fL voltage ripple on the output voltage at full load. The
ripple amplitude determines the current flowing into the output capacitor and the ESR.
Additionally, a certain hold-up capability in case of mains dips can be requested from the
PFC in which case the output capacitor must also be dimensioned, taking into account the
required minimum voltage value (Vout min) after the elapsed hold-up time (tHold).
The PFC minimum switching frequency is one of the main parameters used to dimension
the boost inductor. Here we consider the switching frequency at low mains on top of the
sinusoid and at full load conditions. As a rule of thumb, it must be higher than the audio
bandwidth in order to avoid audible noise and additionally it must not interfere with the
L6564 minimum internal starter period, as given in the datasheet. Alternatively, if the
minimum frequency is set too high the circuit shows excessive losses at higher input voltage
and probably operates skipping switching cycles not only at light load. The typical minimum
frequency range is 55÷95 kHz for wide range operation.
The design is done on the basis of a ripple factor (the ratio of the maximum current ripple
amplitude to the inductor peak current at minimum line voltage) kr=0.34.
In order to properly select the power components of the PFC and dimension the heat sinks
in case they are needed, the maximum operating ambient temperature around the PFC
circuit must be known. Please note that this is not the maximum external operating
temperature of the entire equipment, but it is the local temperature at which the PFC
components are working.
Maximum. output voltage (Vdc):
(7)
Maximum output low frequency ripple:
(8)
Minimum output voltage after line drop (Vdc):
(9)
Hold-up capability
(ms):
(10)
Minimum switching frequency (kHz)
(11)
Ripple factor
(12)
Maximum ambient temperature (°C):
(13)
V
430
V
OVP =
V
10
V
out =
V
300
V
min
out
=
ms
20
t
Hold =
kHz
80
f
min
sw
=
34
.
0
k
r =
C
50
T
ambx
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com