Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 8Page - STMicroelectronics UM0971 Datasheet HTML 9Page - STMicroelectronics UM0971 Datasheet HTML 10Page - STMicroelectronics UM0971 Datasheet HTML 11Page - STMicroelectronics UM0971 Datasheet HTML 12Page - STMicroelectronics UM0971 Datasheet HTML 13Page - STMicroelectronics UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Board description
UM0971
12/45
Doc ID 17701 Rev 1
2.2.2
L4976 characteristics
The L4976 is a step down monolithic power switching regulator delivering 1 A at a voltage
between 3.3 V and 50 V (selected by a simple external divider). A wide input voltage range
from 8 V to 55 V and output voltages regulated from 3.3 V to 40 V cover the majority of
today's applications. Features of this new generation of DC-DC converters include pulse-by-
pulse current limit, hiccup mode for short-circuit protection, voltage feedforward regulation,
protection against feedback loop disconnection and thermal shutdown. The device is
available in plastic dual-in-line, MINIDIP 8 for standard assembly, and SO16W for SMD
assembly. It features:
●
Up to 1 A step down converter
●
Operating input voltage from 8 V to 55 V
●
Precise 5.1 V reference voltage
●
Output voltage adjustable from 0.5 V to 50 V
●
Switching frequency adjustable up to 300 kHz
●
Voltage feedforward
●
Zero load current operation
●
Internal current limiting (pulse-by-pulse and hiccup mode)
●
Protection against feedback disconnection
●
Thermal shutdown
Figure 5.
Typical application circuit
2.2.3
Inverse polarity protection
To prevent accidental polarity inversion when supplying the STEVAL-IHM031V1 board
through connector J22, a protection circuit has been provided. It is made up of a diode and
a fuse of 6.3 A. In the case of polarity inversion occurring, the fuse F1 is permanently
damaged and needs to be replaced before the next system operation.
2.3
Gate driving
The L6387E is a high-voltage device, in the DIP-8 and SO-8 package, manufactured with
BCD “OFF-LINE” technology. It has a driver structure that enables the driving of an
independent referenced N-channel power MOSFET or IGBT. The high side (floating) section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com