Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 12Page - STMicroelectronics UM0971 Datasheet HTML 13Page - STMicroelectronics UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Board description
UM0971
16/45
Doc ID 17701 Rev 1
2.5.1
Zero-crossing methods for BEMF reading
Putting the switch on Pos 1, the motor phase voltage is directly input to the voltage divider
block.
When the patented ST zero-crossing method is used, the voltage divider is simply made up
of a 10 k
Ω series resistor for limiting the current to the control unit that processes the signal.
When the “classic” (industry standard) method is used, the voltage divider must scale and
filter the back-EMF voltage before it is input to the control unit. The partition ratio
determination depends on motor bus voltage. Therefore, the voltage divider resistor and
filtering capacitor values are calculated by the user.
2.5.2
Low amplitude BEMF signal amplification
When the back-EMF signal is very low (low speed) or for low voltage applications, the back-
EMF zero-crossing detection can become difficult due to the very weak signal. The
application note AN1103; improved B-EMF detection for low-speed and low-voltage
applications with ST72141, offers a circuit solution for improving back-EMF zero-crossing
detection at very low speeds or for low voltage applications.
This circuit can greatly improve the performance of sensorless BLDC drives in low voltage
applications, especially for automotive applications. With this technique, the sensorless
drive can be used in much wider speed ranges.
With reference to Figure 9, by setting Pos 2, an amplification block is inserted in back-EMF
signal processing, therefore allowing all the cases listed above to be covered.
For the actual amplification network, please see the circuit schematic in Figure 10:
Figure 10.
Low back-EMF amplification network
The output voltage Vout can be expressed in function of generic back-EMF phase voltage
Vbemf_x in this way:
Equation 1
With the resistor values actually used in the circuit schematic:
Vout
Vbias
G Vbemf
x
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com