Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 13Page - STMicroelectronics UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
17/45
Equation 2
●
R2=1500
Ω
●
R=10000
Ω
we have:
Equation 3
and:
Equation 4
If needed, further adjustments on amplified Vout voltage can be done by means of the next
block voltage divider, as shown in Figure 1 and 9.
Table 6 lists the involved jumpers and their positions for low amplitude BEMF amplification:
Moreover, please refer to Section 3 for jumper setting configurations for outputting Vout
signals through the Motor Control connector.
2.5.3
Virtual neutral (or natural) point reconstruction
When the classic analog method is used for back-EMF reading, there is a need to
reconstruct the virtual neutral point of motor windings (when star connected). To this aim,
there are different schemes. In particular, STEVAL-IHM031V1 allows implementation of
both the following (though not at the same time):
1.
to rebuild the virtual neutral motor using three resistors and a voltage divider and filter
2.
a voltage divider of DC bus voltage to get a proper reference voltage which follows DC
bus fluctuation
For a detailed explanation and principle schemes, please see Section 3 of application note
AN1946; Sensorless BLDC motor control and BEMF sampling methods with ST7MC.
Table 7 lists the involved jumpers and their positions for selecting how to reconstruct the
virtual neutral point:
Table 6.
Low amplitude BEMF jumper configuration
Jumper
Position
J1
Between 1-2
J4
Between 1-2
J7
Between 1-2
R1
R3
R4
r
2200
Ω
===
=
Vbias
2.5
R1
R
+
R1
R2
+
----------------------
1.77
=
=
G
R1
R
+
2R1
------------------
2.77
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com