Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics UM0971 Datasheet HTML 40Page - STMicroelectronics UM0971 Datasheet HTML 41Page - STMicroelectronics UM0971 Datasheet HTML 42Page - STMicroelectronics UM0971 Datasheet HTML 43Page - STMicroelectronics UM0971 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
R47
180
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R54
18
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R40,R45,
R49,
R55,R61,
R68
5.1 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R57
6.8 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R59
130
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R63
39 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R71,R73,
R79,
R80,R87,
R88
22
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R72,R82,
R90
100
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R70,R78,
R86,
R77,R81,
R89
220
Ω
5 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R76,R85,
R93
0.1
Ω
3 %
3 W
non inductive
resistor LOB3
type
THT
IRC
Distrelec:710
520
R42,R50,
R65, R94
470
Ω
5 %
150 V
0.125 W
metal film
resistor
SMD 0805
Any
Table 21.
BOM (continued)
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com