Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 10Page - STMicroelectronics UM0971 Datasheet HTML 11Page - STMicroelectronics UM0971 Datasheet HTML 12Page - STMicroelectronics UM0971 Datasheet HTML 13Page - STMicroelectronics UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Board description
UM0971
14/45
Doc ID 17701 Rev 1
The driver L6387E offers an interlocking feature to avoid undesired simultaneous turn-on of
both driven power switches.
2.4
Three-phase inverter power switches
2.4.1
STS8DNH3LL characteristics
The STS8DNH3LL is a dual N-channel (30 V - 0.018
Ω - 8 A) low gate charge STripFET™ III
power MOSFET in the SO-8 package.
Figure 8.
STS8DNH3LL
Table 4.
Features
Type
VDSS
RDS(on) max
ID
STS8DNH3LL
30 V
< 0.022
Ω
8 A
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain source voltage (vGS = 0)
30
V
VGS
Gate source voltage
±16
V
ID
Drain current (continuous) at TC = 25 °C
8
A
ID
Drain current (continuous) at TC = 100 °C
5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
32
A
PTOT
Total dissipation at TC = 25 °C
2
W
EAS
(2)
2.
Starting TJ = 25 °C, ID = 6 A
Single-pulse avalanche energy
100
mJ
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com