Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics UM0971 Datasheet HTML 24Page - STMicroelectronics UM0971 Datasheet HTML 25Page - STMicroelectronics UM0971 Datasheet HTML 26Page - STMicroelectronics UM0971 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
23/45
2.7
Temperature sensing and protection
A hardware temperature sensing has also been implemented on the STEVAL-IHM031V1
demonstration board. As this signal is available on the MC connector, with a proper control
logic, this feature helps to fully protect the switches against damage when power loss
reaches some defined value.
The temperature is sensed with an NTC resistor placed close to the power MOSFET device.
The measured analog value is fed through the MC connector to the control unit part and, for
instance, can be read with an AD converter of the microcontroller.
Figure 14.
Temperature sensing circuit
With the following used resistor values:
RNTC = 10 k
Ω, R1 = 130 Ω, R2 = r = 10 kΩ, and R = 39 kΩ, the shut down temperature is
around 70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com