Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Board description
UM0971
18/45
Doc ID 17701 Rev 1
2.6
Current sensing and conditioning network
2.6.1
Bipolar current reading configuration
The details of bipolar current sensing (also referred to as Alternating AC) reading
configuration is shown in Figure 11. In this configuration, the alternating current signal on
the shunt resistor, with positive and negative values, must be translated to be compatible
with the single positive input of the microcontroller ADC converter used to read the current
value. This means that the op amp must be biased in order to obtain a voltage on the output
which makes it possible to measure the symmetrical alternating input signal.
Basically, the output signal from the op amp is made up of two terms: a bias voltage Vbias
and an amplification of voltage drop across the shunt resistor (G). The formulas below show
the relationships between network components and signal values.
Figure 11.
AC current reading configuration
Equation 5
Where:
Equation 6
and:
Table 7.
Virtual neutral point reconstruction
Jumper
Position
Description
J9
Between 1-2
Three resistors used
Between 2-3
DC bus voltage divider
Vout
Vbias
G
Rshunt I
⋅
()
⋅
+
=
Vbias
5
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R1
⋅
-------------------------------------------------------
Rr
+
r
------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com