Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics UM0971 Datasheet HTML 24Page - STMicroelectronics UM0971 Datasheet HTML 25Page - STMicroelectronics UM0971 Datasheet HTML 26Page - STMicroelectronics UM0971 Datasheet HTML 27Page - STMicroelectronics UM0971 Datasheet HTML 28Page - STMicroelectronics UM0971 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
UM0971
Descriptions of connectors and jumpers
Doc ID 17701 Rev 1
25/45
3.2
Connector placement
Figure 15.
STEVAL-IHM0031V1 connector placement
J18
1 - 2
Current A pin of MC_connector is connected to motor windings natural point
2 - 3
Current A pin of MC connector is connected to amplified signal of motor current phase A
J19
Present/not
present
Connect/disconnect + 5 V power voltage to corresponding + 5 V power pin of MC
connector
J20
1 - 2
Connect 3.3 V power pin of MC connector to + 5 V power voltage
2 - 3
Connect 3.3 V power pin of MC connector to + 3.3 V power voltage
J23
1 - 2
+5 V is a power voltage
2 - 3
+5 V is a reference voltage
Table 12.
Jumper description (continued)
Jumper
Position/
selection
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com