Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 35Page - STMicroelectronics UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics UM0971 Datasheet HTML 40Page - STMicroelectronics UM0971 Datasheet HTML 41Page - STMicroelectronics UM0971 Datasheet HTML 42Page - STMicroelectronics UM0971 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
R2,R8,R9,
R13,
R15,R18,
R19,
R20,R23,
R29,R32,
R35
2.2 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R4,R5,R6,
R10,
R11,R12,
R31, R36
4.7 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R7,R17,R2
8,R37,R95
15 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R25,R34,
R74,
R75,R83,
R84,R91,
R92
47 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R39
3 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R41,R48,
R64
820
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R38,R43,
R44,
R52,R53,
R58,R66,
R67
1 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R46,R56,
R69
0
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R51
2.7 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
Table 21.
BOM (continued)
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com