Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
19/45
Equation 7
With the resistor values actually used in the circuit schematic, it is:
●
R1=5100
Ω
●
R2=920
Ω
●
R3=470
Ω
●
r= 1000
Ω
●
R= 5100
Ω
Therefore getting:
●
Vbias=1.7534
Ω
and:
●
G=1.944
This means that the maximum instantaneous current amplifiable without distortion is 8 A
(corresponding to Vout = 3.3 V). The user can modify the maximum current value by
changing the shunt resistor values.
Table 8 lists the involved jumper and their positions for AC current reading configuration:
Note:
The resistor R2 value of 920
Ω in the circuit schematic is made up of the sum of two
resistors: one of 100
Ω, belonging to the low-pass filter across the shunt resistor and the
second of 820
Ω belonging to the amplifier network.
2.6.2
Unipolar current reading configuration
The details of the single-shunt current sensing (also referred to as direct DC current)
configuration are shown in Figure 12. This configuration is used when sampling is done on
positive current on the shunt resistor. The only positive value read on the shunt resistor
allows the setting of a higher gain for the op amp than the one set in AC reading mode.
Table 8.
AC current jumper configuration
Jumper
Position
J10
Present
J11
Between 1-2
J12
Present
G
1
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R2
⋅
-------------------------------------------------------
Rr
+
r
------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com