Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics UM0971 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Board description
UM0971
20/45
Doc ID 17701 Rev 1
Figure 12.
Single-shunt configuration
It is possible to calculate the voltage on the output of the op amp Vout as the sum of a bias
voltage, Vbias, and an amplification of voltage drop across the shunt resistor (G):
Equation 8
Where:
Equation 9
and:
Equation 10
With the resistor values actually used in the circuit schematic, we have:
●
R1= 1100
Ω
●
R2=1000
Ω
●
R3=18
Ω
●
R4=2700
●
r=1000
Ω
●
R=11900
Ω
Therefore getting:
●
Vbias=0.2219 V
●
G=6.2
Table 9 lists the involved jumpers and their positions for DC current reading configuration:
Vout
Vbias
G
Rshunt I
⋅
()
⋅
+
=
Vbias
R1
R1
R2
+
----------------------
1
R3
--------
1
R1
R2
+
----------------------
1
R4
--------
++
⎝⎠
⎛⎞
R4
⋅
----------------------------------------------------------------------
Rr
+
r
------------
⋅
=
R4
R3 R4
⋅
R3
R4
+
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com