Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 31Page - STMicroelectronics UM0971 Datasheet HTML 32Page - STMicroelectronics UM0971 Datasheet HTML 33Page - STMicroelectronics UM0971 Datasheet HTML 34Page - STMicroelectronics UM0971 Datasheet HTML 35Page - STMicroelectronics UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
6
BOM list
Table 21.
BOM
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info
C1,R3,C3,
C8,
C10,R16,
R24, R33
N.M.
SMD 0805
not
mounted
C2,C4,C16
,C23, C33
100 nF
10 %
25 V
X7R ceramic
capacitor
SMD 0805
Any
C5,C6,C7
2.2 nF
(N.M.)
10 %
50 V
X7R ceramic
capacitor
SMD 0805
Any
Not
mounted
C9,
C11,C12,
C26,
C29,C32
10 nF
10 %
50 V
X7R ceramic
capacitor
SMD 0805
Any
C13,C17,
C21
33 pF
5 %
50 V
COG ceramic
capacitor
SMD 0805
Any
C14,C18,
C19,
C20,C22,
C39
100 pF
5 %
50 V
COG ceramic
capacitor
SMD 0805
Any
C15
4.7 µF
10 %
25 V
Tantalum
capacitor
SMD
Any
RS:407-0255
C24,C27,
C30
1 µF
10 %
16 V
X7R ceramic
capacitor
SMD 0805
Any
C25,C28,
C31
1 µF
10 %
50 V
X7R ceramic
capacitor
SMD 0805
EPCOS
Distrelec:
820271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com