Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 32Page - STMicroelectronics UM0971 Datasheet HTML 33Page - STMicroelectronics UM0971 Datasheet HTML 34Page - STMicroelectronics UM0971 Datasheet HTML 35Page - STMicroelectronics UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics UM0971 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
C34, C42
100 µF
20 %
25 V
Aluminium
electrolytic
capacitor
SMD 8 mm
diameter
Any
RS: 547-9158
C35, C43
1 µF
10 %
10 V
X7R ceramic
capacitor
SMD 0805
Any
C36
330 µF
20 %
50 V
Ultra low ESR
electrolytic
capacitor ZL
series
THT radial 10 mm
diameter
RUBYCON
Distrelec:801
853
C37
220 nF
10 %
50 V
X7R ceramic
capacitor
SMD 0805
Any
C38
220 µF
20 %
25 V
Ultra low ESR
electrolytic
capacitor ZL
series
THT radial 8 mm
diameter
RUBYCON
Distrelec:801
845
C40
3.3 nF
5 %
25 V
COG ceramic
capacitor
SMD 0805
Any
C41
22 nF
5 %
50 V
COG ceramic
capacitor
SMD 1206
Any
RS: 624-2648
D1,D2,D3,
D14
BAR43
100 mA
Small signal
Schottky
diode
SMD SOT23
STMicroelectronics
BAR43FILM
D4,D5,D6,
D7,D8,D9
LL4148
150 mA
Small signal
rectifier diode
SMD mini melf
Any
D10
STPS8L30
Low drop
power
Schottky
rectifier
SMD DPAK
STMicroelectronics STPS8L30B
D11
1.5KE15A
15 V
TRANSIL
diode
DO-201
STMicroelectronics
1.5KE15A
Table 21.
BOM (continued)
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com