Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 34Page - STMicroelectronics UM0971 Datasheet HTML 35Page - STMicroelectronics UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics UM0971 Datasheet HTML 40Page - STMicroelectronics UM0971 Datasheet HTML 41Page - STMicroelectronics UM0971 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
J15, J16
Jumper
soldering
directly wire
(1,00 mm
diameter)
THT
J13
Motor
phase out
3-way
screw
terminal
block
5.08 mm
pitch
THT 5.08 mm
any
RS:189-
5865
J21
+8 V
2-way screw
terminal block
5.08 mm pitch
THT 5.08 mm
Any
RS:193-0586
not
mounted
J22
VBus
2-way screw
terminal block
5.08 mm pitch
THT 5.08 mm
Any
RS:193-0586
L1
470 µH
0.5 A
power
inductor SMT
shielded
SMD 10x10 mm
EPCOS
B82464G44
74M
RS:496-0697
MC
connector
CON34
34-way IDC
straight boxed
header
THT
Any
RS:625-7347
RF1,RF2,
RF3
10 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
R1,R14,
R21,R22,
R26,R30,
R60,
R62,R27
10 k
Ω
1 %
150 V
0.125 W
Metal film
resistor
SMD 0805
Any
Table 21.
BOM (continued)
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com