Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 17Page - STMicroelectronics UM0971 Datasheet HTML 18Page - STMicroelectronics UM0971 Datasheet HTML 19Page - STMicroelectronics UM0971 Datasheet HTML 20Page - STMicroelectronics UM0971 Datasheet HTML 21Page - STMicroelectronics UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics UM0971 Datasheet HTML 24Page - STMicroelectronics UM0971 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
21/45
This means that the maximum instantaneous current amplifiable without distortion is 7.7A
(corresponding to Vout = 5 V). The user can modify the maximum current value by changing
the shunt resistor values.
Note:
The user should bear in mind that in AC and DC configuration the maximum value of op amp
output voltages are different, 3.3 V and 5 V respectively, when the currents on the shunt
resistor assume their allowed maximum values.
2.6.3
Three-shunt current reading configuration
The board can be configured to perform three-shunt current readings, one for each inverter
leg. Table 10 shows the related jumper settings:
2.6.4
Single-shunt current reading configuration
The board can be configured to perform single-shunt current readings. In this configuration,
the sensed current on the Rshunt resistor is the one flowing on the negative DC bus link.
Table 14 shows the related jumper settings:
Table 9.
DC current jumper configuration
Jumper
Position
J10
Not present
J11
Between 2-3
J12
Not present
Table 10.
Three-shunt jumper settings (default)
Jumper
Position
J14
Present
J15
Not present
J16
Not present
J17
Present
Table 11.
Single-shunt jumper settings
Jumper
Position
J14
Not present
J15
Present
J16
Present (default)
J17
Not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com