Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0971 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 33Page - STMicroelectronics UM0971 Datasheet HTML 34Page - STMicroelectronics UM0971 Datasheet HTML 35Page - STMicroelectronics UM0971 Datasheet HTML 36Page - STMicroelectronics UM0971 Datasheet HTML 37Page - STMicroelectronics UM0971 Datasheet HTML 38Page - STMicroelectronics UM0971 Datasheet HTML 39Page - STMicroelectronics UM0971 Datasheet HTML 40Page - STMicroelectronics UM0971 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
D12
Green LED
20 mA
Green
LED
SMD 0805
any
RS: 654-
5773
D13
STPS1L60
A
1 A/60 V
Power
Schottky
rectifier
SMD DO-
214AC
STMicroelectronics
STPS1L60A
F1
6.3 A
6.3 A/250
V
subminiature
6.3 A fuse
THT
Distrelec:271
358
mount
with
fusehold
er:
distrelec
273250
J1,J2,J4,
J5,J7,J8,
J9,J11,
J18,J20,
J23
CON3_1
3-way vertical
strip line
connector
(male
connector)
THT 2.54 mm
Any
RS:495-8470
J3
Hall sensor
/ encoder
5-way
PCB
vertical
mount
terminal,
2.54 mm
THT 2.54 mm
Phoenix Contact
Any
RS:220-
4298
J10,J12,
J19
Jumper
2-way vertical
strip line
connector
(male
connector)
THT 2.54 mm
any
RS:495-8470
J14, J17
Jumper
Do not fit
Do not fit
Do not fit
Do not fit
Do not fit
Do not
fit
Table 21.
BOM (continued)
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technology
information
Package
Manuf.
Manuf.
code
RS/Distrelec/
other
code
More
info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com