Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 5Page - STMicroelectronics AN2846 Datasheet HTML 6Page - STMicroelectronics AN2846 Datasheet HTML 7Page - STMicroelectronics AN2846 Datasheet HTML 8Page - STMicroelectronics AN2846 Datasheet HTML 9Page - STMicroelectronics AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN2846
Application guidelines
Doc ID 15130 Rev 1
9/35
1.2.3
Digital input filter
Input parasitic disturbances can be removed by the programmable input digital filter. It is
based on an RC oscillator, a divider and a two step filter (see Figure 9).
Figure 9.
Digital input filter.
The internal capacitor value is typically 10 pF. The oscillator resistor is connected externally
on pin ROSC. The clock divider is set at 8 when the pin DVR is connected to GND or at 64
when it is connected to VDD. The two step filter validates the input voltage when it sees at
least three rising edges as shown in Figure 9. The delay time is between 2 · tOSC and
3· tOSC. A wide filter time range, tFT, can be set by using the couple ROSC and DVR as
shown in below in Figure 10.
Figure 10.
Minimum tFT versus ROSC
The user can also choose a particular typical filter time, tFT, by calculating the corresponding
ROSC value from the formula:
Oscillator
REF1V
Divider
filter_2step
OSCR
DVR
IN<1:8>
OUT<1:8>
OSC
CKF
POR
OSC period = 1.2 µ s
ROSC = 51 k
DVR=8
0
100
200
300
400
500
600
0
500
1000
1500
Rosc(k )
Ω
DVR=64
0
1000
2000
3000
4000
0
500
1000
1500
Rosc(K )
Ω
t
(µS)
FT
t
(µS)
FT
Math Composer 1.1.5
12
FT
10
5
.
23
1
1
2
t
-
×
×
×
=
DVR
R
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com