Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics AN2846 Datasheet HTML 25Page - STMicroelectronics AN2846 Datasheet HTML 26Page - STMicroelectronics AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
AN2846
Isolation management
Doc ID 15130 Rev 1
25/35
4
Isolation management
There are two solutions proposed for galvanic isolation between the SCLT3-8 and the
microcontroller.
●
Opto-coupler isolation
●
Magnetic digital isolation
4.1
Opto-coupler isolation
The first solution is given by opto-couplers which must run at a bit rate compatible with the
SCK frequency and meet SCLT3-8 requirements in terms of consumption.
HCPL4506 or HCPL0466 can be a solution to drive a single SCLT3-8 for a 1 MHz
application.
Figure 33.
Single SCLT3-8 and HCPL4506 or 0466
If several SCLT3-8s are used, more current is available through VDD pins to supply the opto-
couplers. The different outputs VDD can be tied together but, low serial resistors (22 Ω) must
be inserted to balance the different regulated output voltages. The load current is shared
between the two SCLT3s and allows the voltage drop reduction across each RC resistor.
VC
SCK
/CS
/MISO
MOSI
MISO
VCC
MISO
/CS
SCK
3 k
1 k
750
Ω
750
HCPL4506
or 0466
VDD
VDD2
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com