Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 25Page - STMicroelectronics AN2846 Datasheet HTML 26Page - STMicroelectronics AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics AN2846 Datasheet HTML 30Page - STMicroelectronics AN2846 Datasheet HTML 31Page - STMicroelectronics AN2846 Datasheet HTML 32Page - STMicroelectronics AN2846 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AN2846
Electromagnetic compatibility (EMC) requirements
Doc ID 15130 Rev 1
29/35
6
Electromagnetic compatibility (EMC) requirements
The SCLT3-8 has been designed to withstand electromagnetic interference as specified in
the IEC 61131-2 standard. This international standard gives all the requirements and
conditions for tests that must be performed on the programmable logic controllers (PLC) and
their associated peripherals. IEC 61000 4-2, 4-4, 4-5 and 4-6 standards define test
methods.
The current limited inputs and supply pins of SCLT3-8 are protected against high voltage
disturbances by a clamping circuits that are grounded to the common pin COMP. Combined
with serial input resistances RIN or RC (see Figure 38). These clamping circuits are effective
against ESD (±8 kV contact), fast transient burt (±2.5 kV), and voltage surge (±1 kV).
Figure 38.
Protection clamping circuits
6.1
IEC 61000 4-2
This standard specifies the behavior of the device when subjected to electrostatic
discharges. The discharges must be applied to operator accessible parts. This means that
these tests have to be performed on each connector pin. The required levels are: air
discharge: ±15 kV, contact discharge: ±8 kV.
The system must continue to operate as intended after the discharge. Temporary
degradation of the performance is acceptable during the test, but the system must recover
by itself after the test (B criterion).
All SCLT3-8 pins are ESD protected.
COM
P
COM
S
V
C
39V
Supply
circuit
V
CC
COMP COMS
Input
circuit
IN1
39V
IN2
39V
IN3
39V
IN4
39V
IN5
39V
IN6
39V
IN7
39V
IN8
39V
RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com