Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics AN2846 Datasheet HTML 25Page - STMicroelectronics AN2846 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application circuit
AN2846
22/35
Doc ID 15130 Rev 1
3
Application circuit
3.1
Basic SCLT3-8 board description
The basic electrical schematic diagram using a single SCLT3-8 fulfills the requirements
defined in the IEC 6131-2 standard. It is easy to duplicate this configuration to meet more
complex applications using many inputs and several SCLT3-8s.
The major settings are:
●
Type 3 configuration
●
16-bit frame (SPM grounded)
●
16 µs digital input filtering (ROSC = 51 kΩ, DVR grounded)
Figure 31.
Type 3 application diagram
15k
2.2k
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
LED2
LED1
LED5
LED6
LED7
LED8
LED4
R
REF
LED3
DVR
OSC
SPM
COMP
VC
VCS
COMP
COMP
COMP
COMS
VDD
/CS
SCK
MOSI
/MISO
MISO
51k
1.0k
1.5M
120k
33n
33n
SCLT3-8
470p
470p
220
220
J1
J2
2.2k
2.2k
2.2k
2.2k
2.2k
2.2k
2.2k
22n
22n
22n
22n
22n
22n
22n
10n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com