Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics AN2846 Datasheet HTML 25Page - STMicroelectronics AN2846 Datasheet HTML 26Page - STMicroelectronics AN2846 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN2846
Application circuit
Doc ID 15130 Rev 1
23/35
3.2
Component definitions
The reference resistor RREF tolerance gives the accuracy of the input limiters. 1% accuracy
is suggested.
The typical type 3 SCLT3-8 application uses RREF = 15 kΩ and RIN = 2.2 kΩ. Type 2 can be
also achieved as shown in Table 3.
The input MELF resistors are used to sustain high voltages occurring during surge tests.
Using type 2, the power dissipated by the SCLT3-8 reaches 1W with VI = VCC = 24 V. A
copper heat sink area of 1 cm2 will set TJ at 150 °C with an ambient temperature of 65 °C.
The RC value has to be chosen with attention. The voltage drop across this resistor is the
product of SCLT3-8 supply current and any load current supplied by VDD: regulator output
current and sourced MISO current. The resulting voltage VC must be in any case above the
8 V activation threshold to avoid a spurious power loss detection. 1 k
Ω meets this
requirement and allows 2 kV of voltage surge.
The 22 nF input capacitors are used to improve the noise immunity of the whole module.
Their function is to filter the high frequency electrical noise, and to secure the off state of the
module.
Adding a 33 nF capacitor on VC pin ensures high immunity against electrical noise such as
that described in the IEC 61131-2 standard.
ROSC = 51 kΩ and pin DVR grounded set the input digital filter to eliminate pulse widths
below 20 µs.
A 33 nF capacitor connected on VDD output ensures a good output of the voltage regulator.
The LEDs must be chosen according to their input diode drop voltage. LED outputs can
drive LEDs with forward voltage up to 2.7 V.
Low pass RC filters have been inserted into digital inputs /CS and SCK to improve the
immunity against fast transient bursts. R = 220
Ω and C = 470 pF give a good compromise
between immunity result and SCLT-3 speed which can run up to 1 MHz.
Table 3.
Type 2 and 3 configurations
Type 3
Type 2
Unit
RREF
15
3.9
k
Ω
RIN
2.2
0.75
k
Ω
Typical ILIMIT
2.3
6.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com