Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 9Page - STMicroelectronics AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN2846
Application guidelines
Doc ID 15130 Rev 1
13/35
Figure 17.
Regulator output voltage
Figure 18 shows the schematic diagram of a solution for applications where greater current
is needed. The bypass transistor allows extra current while maintaining a 5 V regulated
voltage (see Figure 19).
The proposed circuit allows a 25 mA current load capability with a VDD regulation <2%. An
additional input protection device, like SMAJ30A, is needed to comply with voltage surges
because RC has to be reduced to limit the voltage drop across it.
The dissipated power in the bypass transistor PZT2N2907A is 550 mW.
Components used:
●
PZT2N2907A (SOT223 with 1 cm2 copper area)
●
RC = 330 Ω (1/8 W), RE = 51 Ω (1/8 W)
1.4
SPI functional description
Three registers (refer to Figure 1) are used to transfer input data and control data to the
16-bit data frame. The data frames are transmitted through four interface signals: /CS, SCK,
MOSI, and MISO.
4.5
4.6
4.7
4.8
4.9
5.0
5.1
V
-3%
dd
9.0
V
(V)
dd
I
(mA)
dd
V
versus I
dd
dd
Figure 18.
VDD booster schematic
Figure 19.
Load regulation with VDD booster
R
E
R
C
V
CC
2N2907A
IDD
V
VDD
IRC
SMAJ30A
SCLT3
IN1
IN2
IN3
IN4
VC
VDD
LED2
LED3
LED1
RREF
VCS
0.00
5.00
10.00
15.00
20.00
25.00
4.800
4.850
4.900
4.950
5.000
5.050
5.100
0.00
5.00
10.00
15.00
20.00
25.00
I
(mA)
DD
V
(V)
DD
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com