Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics AN2846 Datasheet HTML 30Page - STMicroelectronics AN2846 Datasheet HTML 31Page - STMicroelectronics AN2846 Datasheet HTML 32Page - STMicroelectronics AN2846 Datasheet HTML 33Page - STMicroelectronics AN2846 Datasheet HTML 34Page - STMicroelectronics AN2846 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Electromagnetic compatibility (EMC) requirements
AN2846
32/35
Doc ID 15130 Rev 1
6.3
IEC 61000 4-5
This standard specifies the behavior of the device when subjected to voltage surges applied
on all input pins of the system. For all analog inputs, the coupling method is a 42
Ω serial
resistance and a 0.5 µF capacitor. For the DC power line, the coupling is 2
Ω resistor, and
18 µF capacitor. The required voltage surge levels are:
●
1 kV for the input pins with RIN = 2.2 kΩ,
●
2.5 kV for the pin VC when RC = 2.2 kΩ or 1 kV when RC = 500 Ω.
The system must continue to operate as intended. Temporary degradation of the
performance is acceptable during the test, but the system must recover by itself after the
test (B criterion).
6.3.1
Results on input pins
When a positive surge voltage of 1 kV is applied on the input resistor RIN, the input active
clamp protects the SCLT3-8 input and limits the input voltage at 40 V. The input current
reaches 0.45 A.
When a negative voltage surge is applied the input diode is biased in forward mode and the
current is 0.45 mA (see Figure 42)
Figure 42.
VIN and IIN behavior
Vsurge
0.2kV/div
+ 1.0 kV
VIN
IIN
0.45A
0.2A/div
20V/div
40V
Vsurge
VC
IC
0.45A
0.5kV/div
0.2A/div
1V/div
1V
-1.0 kV
Positive voltage surge
Negative voltage surge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com