Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
AN2846
Thermal dissipation calculation
Doc ID 15130 Rev 1
19/35
2
Thermal dissipation calculation
2.1
Forward inputs polarity case
In reference to the application schematic defined in Figure 31, the dissipated power into the
SCLT3-8 PSCLT can be calculated as following:
Consider the worst case where all inputs are connected to 30 V.
PSCLT = P1 - P2
where:
P1 is the total power delivered by the supplies
P2 is the total power dissipated by the external components
P1 = VCC · (IC + IDD + 8 · ILIM)
External components are: RIN, RC, LEDs, regulator load
Power dissipated by input resistors = 8 · RIN ·ILIM
2
Power dissipated by supply resistor = RC · (IC + IDD)2
Power dissipated by LEDs = 8 · VLED · ILED
Power supplied by the VDD linear regulator = VREG · IDD
The PSCLT = 560 mW
Assuming:
VCC = 30 V, ILIM = 2.35 mA, RIN = 2.2 kΩ, RC = 1.0 kΩ, VLED = 2 V, VDD = 5 V, IDD = 7MA.
Note:
The current flowing through the LED is almost the same as ILIMIT. The difference is about
125 µA used to bias the input circuit device.
With the above mentioned conditions and using copper area of 1cm2 as heat sink, the
SCLT3-8 junction temperature will be around 120 °C with an ambient temperature of 85 °C.
Figure 28 below shows the RTH_JA variations versus the heat sink area on a 35 µm FR4
epoxy single side board.
Figure 28.
RTH_JA versus copper area
HTSSOP38
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
R
(°C/W)
th(j-a)
SCLT
S
(mm²)
CU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com