Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application guidelines
AN2846
18/35
Doc ID 15130 Rev 1
Figure 26 shows a 16-bit transmission example when the application is running in good
conditions:
●
Application is correctly supplied: /UVA, Bit 7 not activated
●
SCLT3-8 junction temperature less than 150 °C: /OTA, bit 6 not activated
●
Correct transmission: parity bits in accordance with input states
1.4.5
SPI timing definition
The four SPI signals involved: /CS, SCK, MOSI, MISO are described in Figure 27. A fifth
/MISO pin output signal is also present.
The typical SCK frequency is 1 MHz, but the SCLT3 can run at up to 2 MHz. The other more
important timing parameters are:
●
tD: Delay time. This is the delay time of MISO between SCK falling edge and MISO
change.
●
tS: Set up time. This is the minimum holding time of MOSI input data for its capture
before the SCK rising edge.
●
tH: Holding time. This is the minimum holding time of MOSI input data after the SCK
rising edge for its correct capture.
The most important rules to meet to perform a correct data transmission are:
●
tCL > tD + tS
●
tCH > tH.
Figure 27.
SPI timing definition.
t
LD
t
CH
t
HC
t
A
t
DIS
/CS
MISO
MOSI
SCK
MSB
S
LSB
S
MSB
M
t
C
t
D
t
DT
12
16
t
S
t
H
t
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com