Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics AN2846 Datasheet HTML 30Page - STMicroelectronics AN2846 Datasheet HTML 31Page - STMicroelectronics AN2846 Datasheet HTML 32Page - STMicroelectronics AN2846 Datasheet HTML 33Page - STMicroelectronics AN2846 Datasheet HTML 34Page - STMicroelectronics AN2846 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
AN2846
Electromagnetic compatibility (EMC) requirements
Doc ID 15130 Rev 1
33/35
6.3.2
Results on VC pin
When a positive or negative surge voltage of 1 kV is applied on the supply resistor RC, the
VC active clamp protects the SCLT3-8 input and limits the input voltage at 40 V. The current
reaches 0.45 A.
The wave shapes are similar to the previous ones as shown in Figure 43.
Figure 43.
VC behavior with RC = 2.2 kΩ
6.4
IEC 61000 4-6
This standard specifies the behavior of the device when subjected to conducted radio
frequency interference in the range 150 kHz to 80 MHz. The RF signal, 80% modulated by
1 kHz sinusoidal waveform, is injected at the inputs IIN and VCC through a coupling device
network (CDN). The required level defined into IEC 61131-2 is 3 V rms. With these stress
conditions, the system must continue to operate with no loss of function (A criterion).
The test configuration used is shown in Figure 44.
Figure 44.
RF test configuration
SCLT3-8 meets IEC 61000 4-6 and IEC 61311-2 standards requirements. Better immunity
can be obtained by decoupling pin SCK with a 470 pF capacitor.
Vsurge
VC
IC
+1kV
0.45A
40V
0.5kV/div
0.2A/div
20V/div
Vsurge
VC
IC
0.45A
-0.5kV/div
0.2A/div
1V/div
1V
-1kV
-1kV
Positive voltage surge
Negative voltage surge
CWS500C
V
CC
CDN-AF2
IN
1-8
V
CC
GND
DUT
Scope
Reference plane
-6 dB
Vi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com