Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 26Page - STMicroelectronics AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics AN2846 Datasheet HTML 30Page - STMicroelectronics AN2846 Datasheet HTML 31Page - STMicroelectronics AN2846 Datasheet HTML 32Page - STMicroelectronics AN2846 Datasheet HTML 33Page - STMicroelectronics AN2846 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Electromagnetic compatibility (EMC) requirements
AN2846
30/35
Doc ID 15130 Rev 1
6.2
IEC 61000 4-4
This standard specifies the behavior of the device when subjected to a fast transient burst.
The fast transient burst must be applied on all the input pins of the system. A capacitive
clamp-coupling device is used as described in the IEC 61000-4-4 standard. The required
sustainable burst voltage level is 2.5 kV. The system must continue to operate as intended.
No temporary degradation of the performance is acceptable during the test (A criterion).
New test methodology has been set up to check the frame integrity against fast transient
bursts. The need to monitor each bit level leads to using a scope isolated from the test
bench through optic fibers. The generation of /CS and SCK input signals are also isolated
through the same way as shown in Figure 39. Current and voltage level adaptation is done
through an optical fiber interface (OFI).
Long frames history can be stored in the monitoring scope for an easier detection of
disrupted bits.
The SCLT3-8 immunity has been increased by adding RC filter networks connected on /CS
and SCK input pins. But these RC filters act as low pass filters and limit the maxim data
transfer speed. For example the filter made of R = 220
Ω, C = 470 pF allows a 1 MHz
transmission frequency and ensures device FTB immunity up to 4 kV.
The test configuration is shown in Figure 39.
Figure 39.
Two supplies configuration
Table 4.
Speed - FTB immunity compromise
RC Values
SCK speed
FTB immunity
220
Ω - 220 pF
2 MHz
3 kV
220
Ω – 470 pF
1 MHz
4 kV
Generator
Capacitive clamp
SCLT3-8
OFI
/CS
MISO
SCK
OFI
/CS
MISO
SCK
/CS
MISO
SCK
Scope
Fiber optic cable
FTB
generator
Bat
1
Bat
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com