Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Application guidelines
AN2846
14/35
Doc ID 15130 Rev 1
1.4.1
Input state register and parity bit generator
After filtering, the 8 input termination states are stored in an 8-bit input state register. Its
content is an image of the filtered input states in real time.
Figure 20.
Input state register and parity bit generator.
The SCLT3-8 has been designed to help diagnose incorrect data transmission. The four
parity bits generated by the parity bit generator are computed according to the input states
register content. They are updated each time the input state register content changes.
The parity bit 5 of PC1 register controls the 1 to 8 input data states; PC2-bit 4 controls inputs
5 to 8: PC3-bit 3 controls inputs 1 to 4;PC4-bit 2 controls inputs 3 to 6 according to the logic
equation:.
See example in Figure 21.
The decoding of all the parity bit results will help the microcontroller detect the possible
corrupted pair of bits occurring during the transmission.
Figure 21.
Parity bit generation example.
8 lines
Filtered
Input
states
http://www.mathcomposer.com
∑
=
=
odd.
if
0
even,
if
1
PC
n
INPUTstate
1N8
1N7
1N6
1N5
1N4
1N3
1N2
1N1
1
0
0
1
1
0
0
1
PC1
PC2
PC3
PC4
1
2
3
4
From
input
state
filter
From
input
state
filter
8 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com