Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 7Page - STMicroelectronics AN2846 Datasheet HTML 8Page - STMicroelectronics AN2846 Datasheet HTML 9Page - STMicroelectronics AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AN2846
Application guidelines
Doc ID 15130 Rev 1
11/35
1.2.5
Input state monitoring
The state of each of the 8 monitoring LEDs is an image of the 8 filtered input states. All the
monitoring LED cathodes have to be connected to ground. In the on state a current of ILIM
reduced by 0.15 mA is available for each LED. In case of a LED not being used, the LED
output pin must be connected to the ground COMP to allow the input current to flow back to
the ground.
The LEDs must be chosen with a VF voltage less then 2.7 V (at minimum operating
temperature -25 °C).
1.3
Monitoring functions and regulator
1.3.1
VCC monitoring
The power bus voltage connected to VCC is sensed by the VCS pin through a resistor bridge.
The VCS threshold voltage is typically 1.25 V with a hysteresis of 100 mV. Designers can
easily set their own alarm detection voltage by an appropriate resistor bridge (see
Figure 12) using the formula:
Figure 12.
UVA comparator
For example, the resistor bridge consisting of RS = 1.5 MΩ and RPD = 120 kΩ produces UVA
activation when VCC drops below 17 V. The UVA activation has no effect on SCLT3-8
behavior but the information is transmitted trough the SPI bus by setting bit 7 to low state in
the control bits register (see Figure 13 and Figure 14).
To eliminate any short voltage disturbances that could trigger the UVA, a 1 ms delay circuit
has been inserted in the output line of the UVA comparator.
)
1
(
min
_
PD
S
CS
CC
R
R
V
V+
=
R
S
RPD
VBG=1.25V
VDD
V
CC
1ms delay
UVA
V
CS
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com