Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics AN2846 Datasheet HTML 21Page - STMicroelectronics AN2846 Datasheet HTML 22Page - STMicroelectronics AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Thermal dissipation calculation
AN2846
20/35
Doc ID 15130 Rev 1
2.2
Reverse polarity on a single input case
Each input resistor can be connected to a reverse polarity down to -30 V. This case
corresponds to a connection mistake or a reverse biasing that is generated by the
demagnetization of a monitored inductive solenoid. The involved input can withstand a high
reverse current up to 20 mA. The corresponding state transmitted is low level. The other
inputs remain operational.
The power dissipated into a reverse polarized input is low, but attention has to be paid to
power dissipation into the input resistor which sustains almost all the reverse voltage.
2.3
Temperature gradient on the SCLT3 and on the board
Figure 29 shows the case top temperature when SCLT3-8 dissipates 600 mW, which
corresponds to maximum supply case with VCC and all module inputs at 32 V. The heat sink
is 100 mm2, and the ambient temperature is 25 °C. In this example the maximum case top
temperature reaches 68 °C. The case top temperature is a good indication of the junction
temperature, which can be estimated using thermal analysis techniques.
Figure 29.
Case top temperature
()
Ω
=
-
=
=
-
=
k
2.2
R
and
V
for
mW
390
IN
IN
V
Pdis_RIN
R
V
Pdis_RIN
IN
I
30
7
.
0
2
R = 1.1 k
R
= 2.2 k
Lens: G1
(Board paint in black)
C
IN
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com