Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 23Page - STMicroelectronics AN2846 Datasheet HTML 24Page - STMicroelectronics AN2846 Datasheet HTML 25Page - STMicroelectronics AN2846 Datasheet HTML 26Page - STMicroelectronics AN2846 Datasheet HTML 27Page - STMicroelectronics AN2846 Datasheet HTML 28Page - STMicroelectronics AN2846 Datasheet HTML 29Page - STMicroelectronics AN2846 Datasheet HTML 30Page - STMicroelectronics AN2846 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
AN2846
Isolation management
Doc ID 15130 Rev 1
27/35
4.2
Magnetic digital isolator
The second solution is given by digital isolators. The triple-channel digital isolator
ADUM1301 is convenient for such an SCLT3-8 application. The sending channels VIA and
VIB are used for /CS and SCK signals while receiving channel VIC is used for MISO signal.
The VDD pin of SCLT3-8 can easily deliver the typical supply current needed by VDD2, which
is around 2.7 mA at 2 MHz as shown in Figure 35.
Figure 35.
Digital isolator
SCLT3 - 8
VC
SCK
/CS
/MISO
MOSI
MISO
V
VDD
SCLT3 - 8
V
SCK
/CS
/MISO
MOSI
MISO
VCC
V
2
GND
GND2
VOA
VOB
VIC
NC
VE2
ADuM1301
1
GND
VIB
VOC
NC
VE1
GND1
2
1
VIA
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com