Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2846 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 8Page - STMicroelectronics AN2846 Datasheet HTML 9Page - STMicroelectronics AN2846 Datasheet HTML 10Page - STMicroelectronics AN2846 Datasheet HTML 11Page - STMicroelectronics AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Application guidelines
AN2846
12/35
Doc ID 15130 Rev 1
1.3.2
Power loss detection
For a greater voltage drop on VC, a power supply loss detection has been added. This
immediately sets MISO output at low level state when VC is below 8 V, as shown in
Figure 15 and Figure 16. The MCU can then interpret that if all bits are equal to 0, this
means that VC is too low.
1.3.3
Overtemperature detection
When the junction temperature exceeds 150 °C an overtemperature alarm sets the MISO
bit 6 at low state in the control bits register. The SCLT3-8 remains operational. The MCU
receiving the alarm has to take the corrective actions. The alarm will be reset when the
junction temperature falls below 135 °C.
1.3.4
Internal voltage regulator 5 V
The input of this voltage regulator is internally connected to the VC pin. The voltage
regulator supplies the digital part of the SCLT3-8 and therefore it defines the high digital
level. It also supplies the sourced current available at pin MISO. It can also supply
application needs (such as opto-couplers and micro transformers) through pin VDD. Its total
current capability is 9 mA for a 3% voltage drop on VDD (see Figure 17).
Figure 13.
VCC = 24 V, UVA bit not activated
Figure 14.
VCC = 16 V, UVA bit activated
V
CC
= 24 V
MISO
SCK
/CS
MISO
SCK
/CS
V
CC
= 16 V
MISO
SCK
/CS
MISO
SCK
/CS
Figure 15.
Communication stops for VC < 8 V
Figure 16.
Communication resumes for
VC > 8.1 V
V
C
8.0 V
MISO goes to L
/CS
SCK
MISO
8.1 V
/CS
SCK
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com