Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 5Page - STMicroelectronics UM0900 Datasheet HTML 6Page - STMicroelectronics UM0900 Datasheet HTML 7Page - STMicroelectronics UM0900 Datasheet HTML 8Page - STMicroelectronics UM0900 Datasheet HTML 9Page - STMicroelectronics UM0900 Datasheet HTML 10Page - STMicroelectronics UM0900 Datasheet HTML 11Page - STMicroelectronics UM0900 Datasheet HTML 12Page - STMicroelectronics UM0900 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
UM0900
Board description
Doc ID 17028 Rev 1
9/43
3
Board description
3.1
System architecture
A generic motor control system can be basically schematized as the arrangement of four
main blocks (see Figure 2 below).
●
Control block - its main task is to accept user commands and motor drive
configuration parameters. It provides all digital signals to implement the proper motor
driving strategy. The STM3210B-EVAL demonstration board, based on the STM32
microcontroller can be used as the control block, thanks to the motor control connector
equipped on the STEVAL-IHM025V1.
●
Power block - it is based on three-phase inverter topology. The hearth of the power
block is the STGIPL14K60 integrated intelligent power module which contains all the
necessary active components. Please refer to the STGIPL14K60 datasheets for more
information.
●
The motor - the STEVAL-IHM025V1 demonstration board is able to properly drive any
PMSM, but the FOC itself is conceived for sinusoidal-shaped back-EMF. The
demonstration board is also convenient for driving any 3- or 2-phase asynchronous
motor.
●
Power supply block - able to work from 90 VAC to 285 VAC or from 125 VDC to
400 VDC. The power block is based on a buck converter with a VIPer16 controller.
Please refer to Section 4 to properly set the jumpers according to the required
application.
Figure 2.
Motor control system architecture
The STEVAL-IHM025V1 includes the power supply and the power block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com